Part Number Hot Search : 
D74HCT1G P506D 1N6050 MAX1945 SZ1533 BF805 FM103 SI3000
Product Description
Full Text Search
 

To Download SII9251 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Brief
SII9251
PinnaClearTM Input Processor
First input processor with Silicon Image's patent-pending InstaPortTM instantaneous port switching technology
The PinnaClear SII9251 input processor gives manufacturers the flexibility to add new features to their HDTV platforms quickly and cost-effectively. In addition to managing all the input interfaces into the DTV, input processors offer innovations in legacy analog video inputs with high-quality 12-bit state-of-the-art ADCs and AVI interfaces, new MHLTM interfaces for HD mobile devices and InstaPort technology for faster port switching. The highly integrated PinnaClearTM SII9251 video input processor is the first multi-port input processor for the high-end and mid-range HDTV market. The SII9251 features four HDMI 1.3 inputs that deliver Deep Color with 12 bits of video at 1080p resolution and 60Hz. The SII9251 also includes four analog high-definition component video inputs that support YCbCr and RGB formats and a 5-input composite and 4-input S-Video switch capable of selecting three composite outputs or two Y/C outputs. The four HDMI input ports on the SII9251 support MHL, a low pin-count, low power interface designed for mobile CE devices. MHL technology enabled mobile devices can be connected directly to an SII9251-equipped DTV without a dock or dongle, with auto discovery of HDMI or MHL source devices in the hardware. The SII9251 supports multiple audio formats and all common audio sample rates up to 192kHz. Audio is available for output on an S/PDIF port or an I2S port. The SII9251 analog video interface consists of triple-channel 12-bit analog-to-digital converters (ADCs) for capturing RGB and YPbPr inputs. With conversion rates ranging from 12.5 MSPS to 170 MSPS, the Analog Video Interface (AVI) inputs capture 480i/576i to 720p/1080i/1080p TV formats and PC graphic formats up to 1600 x 1200 (UXGA). An additional 12-bit ADC is integrated for SCART compatibility to overlay RGB data over CVBS. This fully integrated AVI includes an internal voltage reference and an anti-alias filter with selectable cutoff frequencies. The SII9251 processor also integrates a data slicer/decoder to capture VBI data services. In support of the processor's HDMI functionality, the the SII9251 input processor comes preprogrammed with HDCP keys to simplify manufacturing and provide the highest level of HDCP key security. The chip includes a 256byte Extended Display Identification Data (EDID) RAM block and support for Consumer Electronics Control (CEC) over a single wire bus. SII9251 supports extremely low standby power with power islands enabling CEC and EDID operations when the device is in shutdown mode consuming less than 35mW.
Applications
* LCD, plasma and projection DTVs
Key Features
* Patent-pending InstaPort technology * Four HDMI 1.3 input ports support MHL * Four component or RGB inputs * 12-bit ADC for Deep Color analog video * Four S-Video and five CVBS inputs * Full SCART support * 2-channel digital audio up to 192KHz * Integrated CEC * Four integrated EDIDs with NVRAM for each HDMI port
SII9251 System Diagram
Game console with HDMI HD Camcorder Blu-ray DVD Portable Media Player
Up to 4 HDMI or MHL Sources
Set Top Box
PC
D DV
Game console with Component
SII9251
Input Processor
Standard DVD
Up to 4 Component, S-Video or Composite Sources
SII9251
SII9251 Starter Kit
(CP9251HDMI/ADC)
Contents include:
Features
Industry-Standard Compliance System Operation
* HDMI 1.3 * ITU-656
* DVI 1.0 * HDCP 1.1 * EIA/CEA-861D
HDMI/MHL Inputs Hardware * SII9251 input processor daughter board * SiI9134 transmitter daughter board * Motherboard * HDMI to HDMI cable Software * Simon receiver software tool Documentation * User's guide * Schematics * Bill of materials (BOM)
* * * *
Register-programmable via slave I2C interface Auto video mode simplifies design Auto audio mode allows more robust system Flexible interrupt registers with interrupt pin
* InstaPort technology on HDMI ports * Four HDMI / MHL inputs * Resolution support up to 1080p @ 60Hz or 720p/1080i @ 120Hz with 36-bit color via HDMI or 1080p @ 30Hz or 720/ 1080i @ 60Hz with 24-bit color via MHL * Integrated RGB-to-YCbCr color space conversion with 12-bit accuracy * x.v.Color support * 4:2:2 to 4:4:4 converter with 14-bit accuracy * Integrated CEC Consumer Electronics Control * Integrated EDID for each HDMI Port
Analog Video Inputs
Digital Audio Output
* Industry-standard S/PDIF and I2C output * Supports high-end audio including SACD and DVD-Audio: 2-channel at 32-192kHz * Programmable I2S output supports numerous low-cost audio DACs * Supports IEC60958 2-channel PCM * Supports IEC61937 compressed audio
Content Protection
Video format detection in hardware 4x12-bit ADC @ 170 MSPS conversion rate 1.4 Vp-p analog input range Supports RGB and component (YPbPr) video signals up to 1080p * D1/D2/D3/D4/D5 D-Connector support SCART FB inputs delay matched and multiplexed to one FB output * Macrovision (Level 1) detection and handling
* * * *
* * * *
Integrated HDCP cipher engine Built-in HDCP BIST Pre-programmed HDCP keys Built-in HDCP self-test
Power Management
* Low standby power mode with auxiliary power mode for CEC and EDID support
Package
* 208-pin LQFP
InstaPort technology dramatically reduces the wait time when switching between HDMI sources by performing background HDCP authentication with all source devices connected to the DTV. Since the authentication process is done on all ports simultaneously, when a new input is selected by the viewer it can begin streaming content immediately without waiting for HDCP authentication. As consumers continue to connect an increasing number of devices to their DTVs--from DVD players and game consoles to PCs and set top boxes--switching between them with limited delay becomes an increasingly desired feature.
Silicon Image, Inc.
1060 E. Arques Avenue Sunnyvale, CA 94085 T 408.616.4000 F 408.830.9530 www.siliconimage.com
Copyright (c) 2008 Silicon Image, Inc. All rights reserved. Silicon Image, the Silicon Image logo, SII9251, MHL, Mobile High-definition Link, InstaPort, the InstaPort logo, PinnaClear, and the PinnaClear logo are trademarks or registered trademarks of Silicon Image, Inc. in the United States and/or other countries. HDMI, the HDMI logo, High-Definition Multimedia Interface, are trademarks or registered trademarks in the United States and/or other countries and are used under license from HDMI Licensing, LLC. All other trademarks are the property of their respective owner in the United States and/or other countries. Product specifications are subject to change without notice. Part Number: SII9251CLU SiI-PB-1041 rev1 6/08


▲Up To Search▲   

 
Price & Availability of SII9251

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X